bezel opening area ( 250.4 x 188.9 ) active area center (131.4) (129.6) 261 y 0.5 (51) (21) 170 y 0.2 (14.5) (99.5) 199 y 0.5 5.5max. 2.8 y 0.3 2.6 70 y 5 fpc with shrink tube 1 2 active area ( 245.76 x 184.32 ) 4-m2 (depth 2.2max.) flcn1 1 20 cn1 effective viewing area ( 248.2 x 186.75 min. ) cn1 : df19l-20p-1h (hirose) flcn1 : bhsr-02vs-1 (jst) g rb inserting direction tft color lcd module tft color lcd module TM121XG-02L02 31cm / 12.1" xga format 1ch.-lvds i/f 1,024 x rgb x 768dots specifications 31/12.1 (cm/inch) 1,024 x (rgb) x 768 w x (rgb) x h [dots] 0.24 x 0.24 w x h [mm] w x h [mm] 250.4 x 188.9 261 x 199 x 5.5(max.) 370 w x h x d [mm] g transmissive type 1ccft item typ. unit 300 : 1 4.4 150 3.3 45 v w (cd/m 2 ) ms 0~+50 -20~+60 item unit typ. display format pixel pitch bezel opening size outer dimensions weight panel mode backlight type logic voltage power consumption logic & backlight brightness contrast ratio response time operating temperature strage temperature outer dimensions ta= diagonal screen size
|